PART |
Description |
Maker |
Q67060-S7432 P-TO220-3-1 P-TO263-3-2 P-TO262-3-1 P |
Low Voltage MOSFETs - Power MOSFET, 100V, TO-262, RDSon=33mOhm, 47A, LL SIPMOS垄莽 Power-Transistor SIPMOS庐 Power-Transistor SIPMOS? Power-Transistor SIPMOS㈢ Power-Transistor
|
Infineon Technologies AG
|
45912-0030 0459120030 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Signal, Power, Power Sequence), Press-Fit
|
Molex Electronics Ltd.
|
TA8263BH TA8263 |
Max Power 43 W BTL 4 ch Audio Power IC Max Power 43 W BTL ??4 ch Audio Power IC Max Power 43 W BTL 】 4 ch Audio Power IC IC,AUDIO AMPLIFIER,QUAD,BIPOLAR,ZIP,25PIN,PLASTIC Max Power 43 W BTL × 4 ch Audio Power IC Max Power 43 W BTL x 4 ch Audio Power IC
|
Toshiba Semiconductor
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
TA8260AH |
Max Power 40 W BTL 4CH Audio Power IC Max Power 40 W BTL 】 4CH Audio Power IC Max Power 40 W BTL x 4CH Audio Power IC RAC15-TA(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; Features: Compact AC-DC Power
|
Toshiba Semiconductor Toshiba Corporation
|
BLF872 BLF872-2015 |
UHF power LDMOS transistor UHF power LDMOS transistor - Description: UHF LDMOS POWER Transistor ; Efficiency: 55 %; Frequency band: 470-860 GHz; Output power: 300 W; Package material: SOT800A ; Power gain: 16.5 dB
|
NXP Semiconductors Quanzhou Jinmei Electro...
|
RMPA2271 |
WCDMA/UMTS Power Edge Power Amplifier Module with Integrated Power Detector
|
FAIRCHILD[Fairchild Semiconductor]
|
2SD1745 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SA2067 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SD1254 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SD1444A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|